PART |
Description |
Maker |
RBM-505D RBM-505S RBM-515S RBM-515D RBM-3.31.8S RB |
ECONOLINE - DC/DC - CONVERTER Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; No. of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight ECONOLINE - DC/DC-CONVERTER ECONOLINE -直流/直流转换
|
http:// RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
2SC3281 |
ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 - ContinuousShort Circuit Protection ( /P-Suffix) NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
|
Wing Shing Electronics Co., (H.K.) Ltd. 永盛国际集团 Wing Shing Computer Components
|
RW-2405S RW-4805S RW-1215S RW-1212S RW-4815S RW-05 |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
REC2.2-1424DRI REC2.2-1415DRI REC2.2-1405DRI REC22 |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
REC5-1215SRWZ REC5-1215SRW REC5-1212SRWZ REC5-1212 |
5W DC/DC converter with 68V input, -12V/ -230mA output, 2kV isolation ECONOLINE - DC/DC - CONVERTER
|
RECOM[Recom International Power] RECOM Power Inc.
|
REC10-4824SRWLZ REC10 REC10-1205DRWL REC10-1205SRW |
THYRISTOR PROTECT BIDIR 30A SMB ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BI-DIR 50A SMB ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 THYRISTOR PROTECT BIDIR 50A SMB ECONOLINE -直流/直流-转炉 DSUB CON D*M PIN F179A ECONOLINE -直流/直流-转炉 CONTACT SIG H3 P R/A 50 CONTACT SIGNAL H1 P R/A 30 CONTACT SIGNAL H2 P R/A 50 RP BKA COAX RG 316 SIZE 5 CONTACT SIGNAL H3 P R/A 30 CAB CON 16S PIN 22/20 F80 A176 CONTACT SIGNAL H1 P R/A 50 CAB CON 16S PIN 22/20 F80 A36 THYRISTOR PROTECT BI-DIR 30A SMB CTPIND*MA2024AS-NM-A156 THYRISTOR PROTECT BIDIR 100A SMB
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RI-XX15 RI-2407 RI-2412 RI-0907 RI-0507 RI-0512 RI |
ECONOLINE DC/DC-CONVERTER ECONOLINE - DC/DC - CONVERTER 2Watt SIP4 Single Output Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:4; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
RECOM[Recom International Power] RECOM Power Inc.
|
RY-1205DCL RY-0505SCL RY-0512DCL |
ECONOLINE - DC/DC - CONVERTER
|
Recom International Pow...
|
RV-XX05D RV-XX3.3D RV-XX3.3S RV-XX12D RV-XX12S RV- |
ECONOLINE - DC/DC-Converter
|
RECOM[Recom International Power]
|
RB-0505 RB-0505S |
ECONOLINE - DC/DC CONVERTER
|
RECOM Power Inc.
|
RW-0509S RW-0512S RW-0505S |
ECONOLINE - DC/DC - CONVERTER
|
Recom International Pow...
|
RUZ-090909 RUZ-090505 RUZ-091515 RUZ-092424 RUZ-24 |
ECONOLINE - DC/DC - CONVERTER
|
Recom International Power
|